PART |
Description |
Maker |
1748070000 1748050000 1748040000 1748030000 174802 |
PCB connection systems PCB connection systems
|
Weidmuller
|
1941360000 |
PCB connection systems
|
Weidmuller
|
AD/QFP64C-B02 AD/QFP64C-B03 AS/QFP64CA CF/FP60 AD/ |
Connection Adapter to use with STICE-SYS00x emulation systems Adapter Socket for application board - to use with STICE-SYS00x emulation systems Connexion flex to use with STICE-SYS00x emulation systems
|
ST Microelectronics
|
VI-303 |
REMARKS: N,C = NO CONNECTION PCB LINKAGE : PIN1 & PIN40
|
Varitronix international limited
|
VI-402 |
REMARKS: N.C = NO CONNECTION PCB LINKAGE :PIN1 & PIN40
|
Varitronix international limited
|
VI-102 |
REMARK: N.C = NO CONNECTION PCB LINKAGE: PIN1 & PIN2
|
Varitronix international limited
|
RAD-SPL-2-N |
Antenna splitter, frequency range: 0.3 GHz ... 6 GHz, degree of protection: IP65, connection: 3 x N (female), suitable connection cable for the antenna connection (Order No. 2700677)
|
PHOENIX CONTACT
|
0424039 |
Power terminal block, Connection method Screw connection, Load current
|
PHOENIX CONTACT
|
0442082 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0441012 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0446017 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0444019 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|